PART |
Description |
Maker |
2N5018 2N5019 2N5018-TO-18 |
P-CHANNEL, Si, SMALL SIGNAL, JFET, TO-18 TO-18, 3 PIN SINGLE P-CHANNEL JFET SWITCH P-Channel, Single, JFET Switch
|
Linear Integrated System, Inc LINEAR[Linear Integrated Systems] Linear Systems
|
J300B TP6451 TP5952 TP5951 TP6449 TP6450 MPF108 |
TRANSISTOR | JFET | N-CHANNEL | 15MA I(DSS) | TO-92 ; No. of Switch Positions:2; Number of Positions:2; Switch Features:Tumbler Lock With Detent Detection Switch; Contact Current Max:300mA; Circuitry:SPDT; Actuator Style:Hinge Lever; Current Rating:0.3A; Leaded Process Compatible:Yes; Mounting Rotary Keylock Switch; Key Removal Position:Center; Circuitry:SPST; Indexing:90 ; Contact Current Max:4A; Leaded Process Compatible:Yes Keylock Switch; Contact Current Max:4A; No. of Poles:2; Indexing:90 ; Switch Terminals:Solder Lug; Key Removal Position:1; Leaded Process Compatible TRANSISTOR | JFET | N-CHANNEL | 25V V(BR)DSS | 24MA I(DSS) | TO-92 晶体管|场效应| N沟道| 25V的五(巴西)直| 24mA的我(直)|92
|
东电?中国)投资有限公司
|
LS5018TO-18 |
P-Channel JFET switch
|
Micross Components
|
2N5434 X2N5434 |
N-Channel JFET Switch
|
CALOGIC[Calogic, LLC]
|
LS4391TO-18 |
Single N-Channel JFET switch
|
Micross Components
|
J175TO-92 |
a single P-Channel JFET switch
|
Micross Components
|
SST4392 |
SINGLE N-CHANNEL JFET SWITCH
|
New Jersey Semi-Conduct...
|
SST175SOT-23 |
a single P-Channel JFET switch
|
Micross Components
|
2N4392TO-18 |
Single N-Channel JFET switch
|
Micross Components
|
2N5019TO-18 |
a single P-Channel JFET switch
|
Micross Components
|
U403 U404 U405 U401 U402 XU406 U406 XU401 XU402 XU |
Dual N-Channel JFET Switch
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
PN4392TO-92 |
Single N-Channel JFET switch
|
Micross Components
|